Part Number Hot Search : 
278PN LN850RPX M3S0560 PIC18F26 SN3AS H100MHM ITECH ON1912
Product Description
Full Text Search
 

To Download KBPC3510IP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kbpc3500ip ... KBPC3510IP kbpc3500ip ... KBPC3510IP silicon-bridge-rectifiers silizium-brckengleichrichter version 2009-11-16 dimensions - ma?e [mm] nominal current nennstrom 35 a alternating input voltage eingangswechselspannung 35...700 v plastic case with alu bottom plastikgeh?use mit alu-boden 28.5 x 28.5 x 10 [mm] weight approx. C gewicht ca. 21 g compound has classification ul94v-0 vergussmasse nach ul94v-0 klassifiziert standard packaging bulk standard lieferform lose im karton recognized product C underwriters laboratories inc.? file e175067 anerkanntes produkt C underwriters laboratories inc.? nr. e175067 maximum ratings grenzwerte type typ max. alternating input voltage max. eingangswechselspannung v vrms [v] repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] 1 ) kbpc3500ip 35 50 kbpc3501ip 70 100 kbpc3502ip 140 200 kbpc3504ip 280 400 kbpc3506ip 420 600 kbpc3508ip 560 800 KBPC3510IP 700 1000 repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 80 a 2 ) peak forward surge current 50 hz half sine-wave sto?strom fr eine 50 hz sinus-halbwelle t a = 25c i fsm 375 a peak forward surge current 60 hz half sine-wave sto?strom fr eine 60 hz sinus-halbwelle t a = 25c i fsm 400 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 660 a 2 s operating junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+150c 1 valid per diode C gltig pro diode 2 valid, if the temperature of the case is kept to t c = 120c C gltig, wenn die geh?usetemperatur auf t c = 120c gehalten wird ? diotec semiconductor ag http://www.diotec.com/ 1 28.5 0.2 1.2 ? 5.2 + 1 7 ~ 5 5 5 = = ~ 10 0.2 t y p e 2.5 0.5
kbpc3500ip ... KBPC3510IP characteristics kennwerte max. current with cooling fin 300 cm2 1 dauergrenzstrom mit khlblech 300 cm 2 t a = 50c r-load c-load i fav i fav 35 a 28 a forward voltage C durchlass-spannung t j = 25c i f = 17.5 a v f < 1.1 v 2 ) leakage current C sperrstrom t j = 25c v r = v rrm i r < 25 a isolation voltage terminals to case isolationsspannung anschlsse zum geh?use v iso > 2500 v thermal resistance junction to case w?rmewiderstand sperrschicht C geh?use r thc < 1.5 k/w admissible torque for mounting zul?ssiges anzugsdrehmoment 10-32 unf m5 18 10% lb.in. 2 10% nm 1 valid, if the temperature of the case is kept to t c = 120c C gltig, wenn die geh?usetemperatur auf t c = 120c gehalten wird 2 valid per diode C gltig pro diode 2 http://www.diotec.com/ ? diotec semiconductor ag rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 i fav [%] 120 100 80 60 40 20 0 [c] t a 150 100 50 0 forward characteristics (typical values) durchlasskennlinien (typische werte) 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8 10 10 10 1 10 3 2 -1 [a] i f t = 25c j t = 125c j 375a-(17.5a-1.1v)


▲Up To Search▲   

 
Price & Availability of KBPC3510IP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X